|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com 500 mW DC/DC Converter ELECTRONICS INC. EPC1196G-X * Unregulated DC/DC Converter * Very High Efficiency : 80%-88% Typ. * Operating Temperature : 0C to +70C * Pri. & Sec. Wdg's : Double Insulated Wire * Input/Output Isolation : 3000 Vrms * UL94V-0 Recognized Materials Electrical Specifications PCA Part Numbers EPC1196G-1 EPC1196G-2 EPC1196G-3 EPC1196G-4 EPC1196G-5 V In Volts ( 10%) 5.0 5.0 5.0 5.0 5.0 V Out Volts 5.0 6.5 9.0 12.0 15.0 I Out (mA Max.) 100 77 56 42 33.33 Ripple & Noise (mV p-p) Typ. Max. 16.5 16.5 14.5 13.5 12.0 25.0 25.0 25.0 25.0 25.0 Input Ripple Current (mA p-p) Max. Typ. 8.0 9.0 8.0 8.0 9.0 15.0 15.0 15.0 15.0 15.0 Efficiency (% Typ.) @ Full Load 80 84 87 88 88 Input/Output Isolation (Vrms) 3000 3000 3000 3000 3000 Notes : 1. Voltage Accuracy : 1% Typ. @ Maximum Load 2. Input Filter : Capacitor 3. Line Voltage Regulation : 1%/% (Output Voltage Change Percentage/Input Voltage Change Percentage) 4. Load Voltage Regulation (10% to 100% Full Load) : +15% Max., -5% Max. for 5.0 V, 6.5 V, 9.0 V Out +10% Max., -5% Max. for 12 V, 0.15 V Out 5. Short Circuit Duration : 1 Second 6. Output Ripple Filtering : Simple 33 KHz L/C Filter can be added to reduce Output Ripple & Noise to 2 mV p-p 7. Minimum Load Requirement : 10% 8. Absolute Maximum Rating : V In = 7.0 Volt Max. 9. Input Current @ 0 Load : 4.5 mA Typ. 10. Load Voltage Regulation @ 0% Load : +35% Max. for 5.0 V, 6.5 VOut + 25% Max. for 9.0 V Out + 20% Max. for 12 V, 15 V Out Package .490 (12.45) .300 (7.62) Pin Connections N/C 8 -V Out 6 5 +V Out PCA EPC1196G-X D.C. Pin 1 I.D. .100 (2.54) .400 (10.16) .540 (13.72) Solder Pad Layout .075 (1.91) 1 DC/DC 2 3 4 +V In -V In N/C .030 (.762) N/C .350 (8.89) .010/.015 (.254/.381) 0-8 .010 (.254) .019 (.480) .035 (.889) .510 12.95) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSC1196G-X Rev. 2 6/105 FT TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com DataSheet 4 U .com |
Price & Availability of EPC1196G-X |